PART |
Description |
Maker |
TS1117B07 TS1117B TS1117BCPXXRO TS1117BCSXXRL TS11 |
800mA Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
74802 GS1117CE GS1117CE-2.5 GS1117CE-2.85 GS1117CE |
800mA Low Dropout Positive Adjustable Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250, Pin Plunger Actuator, 6,12 N - 7,78 N [22 oz - 28 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
IRU1117-33 IRU1117-3.3 IRU1117-33CD |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR 800mA的低压差型正,固3.3V稳压 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR(75.90 k)
|
International Rectifier, Corp. IR
|
NJM78L00 NJM78L00A NJM78L00EA NJM78L00UA NJM78L08A |
6 V FIXED POSITIVE REGULATOR, PBCY3 3-Terminal Positive Voltage Regulator(18V端正电压稳压 三端正电压稳压器8V的三端正电压稳压器) 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 3-Terminal Positive Voltage Regulator(24V端正电压稳压 三端正电压稳压器4V的,3端正电压稳压器) 三端正电压稳压器5V的,3端正电压稳压器) 3-Terminal Positive Voltage Regulator(2.6V端正电压稳压 3-Terminal Positive Voltage Regulator(8V端正电压稳压 FIXED POSITIVE REGULATOR, PDSO8
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
IRU1117 |
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
International Rectifier
|
AIC1732 AIC1732-33 AIC1732-33CX AIC1732-34CX AIC17 |
800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
APL1087R APL1087R-25DC-TR APL1087R-18DC-TUL APL108 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, and 3.3V 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
Anpec Electronics, Corp. ANPEC[Anpec Electronics Coropration]
|
APL108733DC-TRG APL108718DC-TRG APL108718DC-TBG |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
|
Anpec Electronics Coropration Anpec Electronics Corop...
|
APL1087 APL1087-DC-TR APL1087-DC-TU APL1087-DC-TUL |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
ANPEC[Anpec Electronics Coropration]
|
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|